Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2042 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2042
Description  brightness LEDs with VIPer22A-E
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2042 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2042 Datasheet HTML 17Page - STMicroelectronics AN2042 Datasheet HTML 18Page - STMicroelectronics AN2042 Datasheet HTML 19Page - STMicroelectronics AN2042 Datasheet HTML 20Page - STMicroelectronics AN2042 Datasheet HTML 21Page - STMicroelectronics AN2042 Datasheet HTML 22Page - STMicroelectronics AN2042 Datasheet HTML 23Page - STMicroelectronics AN2042 Datasheet HTML 24Page - STMicroelectronics AN2042 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
AN2042
Experimental results
21/30
Figure 23.
Control signals at 230 VAC: 1 LED
Figure 24.
Control signals at 230 VAC: 8 LEDs
Ch2 mean - 33.9 mA (green)
Ch2 duty - 10.18% (green)
Ch2 freq - 252 Hz (green)
Ch2 mean - 31.5 mA (green)
Ch2 duty - 8.8% (green)
Ch2 freq - 249 Hz (green)
Figure 25.
Control stage at 230 VAC: 1 LED
Figure 26.
Control stage at 230 VAC: 8 LEDs
Ch1 mean - 200 mA (black)
Ch2 max - 3.48 V (green)
Ch2 min - 2.44 V (green)
Ch2 mean - 197.4 mA (black)
Ch2 max - 26.6 V (green)
Ch2 min - 20.2 V (green)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com