Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2063 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2063
Description  The new regulation on the power supply standby consumption for the battery charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2063 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2063 Datasheet HTML 7Page - STMicroelectronics AN2063 Datasheet HTML 8Page - STMicroelectronics AN2063 Datasheet HTML 9Page - STMicroelectronics AN2063 Datasheet HTML 10Page - STMicroelectronics AN2063 Datasheet HTML 11Page - STMicroelectronics AN2063 Datasheet HTML 12Page - STMicroelectronics AN2063 Datasheet HTML 13Page - STMicroelectronics AN2063 Datasheet HTML 14Page - STMicroelectronics AN2063 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DocID10955 Rev 2
13/15
AN2063
Conclusions
15
6
Conclusions
When the board works in standby, it consumes less than 0.1 W meeting the “Blue Angel”
norm. The total power consumption measured at 100 Vdc input with zero load on output is
approximately 50 mW, while at 380 Vdc input this value is about 80 mW.
This unit operates in burst mode when the output load is reduced to zero and normal
operation is resumed automatically when the power gets back to a level higher than the
standby power. The output voltage remains regulated even when the board works in burst
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com