Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2903 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN2903
Description  BUCK CONVERTERS FOR HDD POWER SUPPLIES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2903 Datasheet(HTML) 2 Page - STMicroelectronics

  AN2903 Datasheet HTML 1Page - STMicroelectronics AN2903 Datasheet HTML 2Page - STMicroelectronics AN2903 Datasheet HTML 3Page - STMicroelectronics AN2903 Datasheet HTML 4Page - STMicroelectronics AN2903 Datasheet HTML 5Page - STMicroelectronics AN2903 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AN2093 - APPLICATION NOTE
2/6
The minimum efficiency guaranteed in the typical application is higher than 70%. In some conditions the
efficiency can reach values equal to 90%.
To clamp the error amplifier reference voltage a soft start control block generating a voltage ramp has
been implemented. Besides, an on-chip power on reset of 50=100µs ensures a proper operation when
switching on the power supply. Other circuits fitted to the device protection are the thermal shut down
blocks, which turn off the regulator when the junction temperature exceeds 150°C typically and the
cycle-by-cycle current limit that provides protection against shorted outputs.
Being the ST1S03 an adjustable regulator, the output voltage is determined by an external resistor
divider. The desired value is given by the following equation:
Vout=VFB[1+R1/R2]
According to the previous formula, being VFB=0.8V, if 1.2V is needed, the external divider must be
R1=25K
Ω, R2=50KΩ
Figure 2: Application Schematic
To make the device work, only other four external components are required: a Schottky diode, an inductor
and two capacitors. The chosen inductor must be able not to saturate at the peak current level, that for
this device typical value is 2.3A.
Besides, its value can be selected taking into account that a large inductor value increases the efficiency
at low output current and reduces output voltage ripple, while a smaller inductor can be chosen when it is
important to reduce the package size and the total cost of the application.
Finally, the ST1S03 has been designed to work properly with X5R or X7R SMD ceramic capacitors both
at the input and at the output. This kind of capacitors, thanks to their very low series resistance(ESR),
minimize the output voltage ripple. Other low ESR capacitors can be used according to the need of the
application without invalidate the right functioning of the device.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com