Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2903 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2903
Description  BUCK CONVERTERS FOR HDD POWER SUPPLIES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2903 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2903 Datasheet HTML 1Page - STMicroelectronics AN2903 Datasheet HTML 2Page - STMicroelectronics AN2903 Datasheet HTML 3Page - STMicroelectronics AN2903 Datasheet HTML 4Page - STMicroelectronics AN2903 Datasheet HTML 5Page - STMicroelectronics AN2903 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AN2093 - APPLICATION NOTE
4/6
3. INDUCTOR CHOICE
The ST1S03 is a PWM voltage regulator with a typical working frequency of 1.5MHz. The very high
frequency allows the use of small inductor values. The device is able to work with a minimum of 1µH
inductor. We suggest using 3.3µH or higher values in order to cover all the parameters specified in the
datasheet. Another important parameter to take into account in the inductor choice is the saturation
current. Normally the device does not exceed a peak current of 2.3A @ Vin=5V.
4. SCHOTTKY DIODE
During the Toff the current in the inductor can continue to flow thanks to the schottky diode. It is very
important the use of a diode with a very low threshold, in order to have high efficiency, and with a good
current capability. In our application good results are obtained using the STPS2L30A diode.
In some applications, where the switching noise must be reduced, it could be useful to add a snubber
circuit in parallel with the schottky diode. If necessary, we suggest to connect a 10
Ω resistor in series with
a 680pF capacitor.
5. CONCLUSIONS
The device can be used in all the applications where a low supply voltage, starting from 0.8V, is needed.
The low inductor and capacitors value allows the use of the ST1S03 in all the boards where space saving
and power dissipation control is recommended. The high frequency makes the device compatible with
the new HDD generation, where the rotation plate is 7200rpm or 10000rpm.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com