Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2242 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2242
Description  This document describes a reference design
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2242 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2242 Datasheet HTML 9Page - STMicroelectronics AN2242 Datasheet HTML 10Page - STMicroelectronics AN2242 Datasheet HTML 11Page - STMicroelectronics AN2242 Datasheet HTML 12Page - STMicroelectronics AN2242 Datasheet HTML 13Page - STMicroelectronics AN2242 Datasheet HTML 14Page - STMicroelectronics AN2242 Datasheet HTML 15Page - STMicroelectronics AN2242 Datasheet HTML 16Page - STMicroelectronics AN2242 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
AN2242
3 Cross Regulation and Standby
13/31
Table 6.
Output Voltage Measurement at Standby Load
In Table 6. the output voltage measurements during standby operation are shown. Even in this
load condition the circuit is able to regulate the output voltages within the required tolerance.
Figure 9.
Input Power vs. Mains Voltage During Standby
It is clearly visible that, while delivering the required standby load, (5V at 50mA, 1.8V, 3.3V and
12V at 0mA) the input power consumption is below 800mW at both the nominal input
voltage ranges and remains below 900mW at 265Vac. Figure 10. represents the input power
variation as a function of the 5V current.
During the standby operation the circuit works in burst mode, thus the number of switching
cycles decreases and, therefore it brings to an equivalent continuous switching frequency
reduction. This minimizes all frequency-related losses and maximizes the efficiency with
respect to other controllers without this feature. The L6668 enters automatically in burst mode
when its internal circuitry detects a light load by monitoring the voltage on pin #10 (Comp).
When it falls by 50mV below the threshold programmed via the divider connected at to pin #9
(SKIPADJ), the IC is disabled and its consumption is reduced to minimize the Vcc capacitor
discharge. The soft-start capacitor is not discharged. The control voltage now will increase as a
result of the feedback reaction to the energy delivery stop, the threshold will be exceeded and
the IC will restart switching again. In this way the converter works in burst-mode with a constant
at 115Vac - 60Hz
at 230Vac
Voltage [V] Current [A]
Deviation
Voltage [V]
Current [A]
Deviation
11.80
0
-1.67%
OK
11.70
0
-2.50%
OK
1.92
0
6.67%
OK
1.92
0
6.67%
OK
4.71
0.047
-5.80%
OK
4.73
0.047
-5.40%
OK
3.36
0
1.82%
OK
3.36
0
1.82%
OK
Vin= 115Vac
lin= 0.017Arms
Pin=0.51W
Vaux=9.68V
EFF.= 43.5%
Vin= 230Vac
lin= 0.0217Arms
Pin=0.75W
Vaux=10V
EFF.= 29.8%
Pout=0.22W
Pout=0.22W
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Mains voltage
Pin= [W]
0.49
0.51
0.75
0.88
Vaux= [V]
9.67
9.68
10
10.04
90Vac
115Vac
230Vac
265Vac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com