Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2242 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2242
Description  This document describes a reference design
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2242 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2242 Datasheet HTML 19Page - STMicroelectronics AN2242 Datasheet HTML 20Page - STMicroelectronics AN2242 Datasheet HTML 21Page - STMicroelectronics AN2242 Datasheet HTML 22Page - STMicroelectronics AN2242 Datasheet HTML 23Page - STMicroelectronics AN2242 Datasheet HTML 24Page - STMicroelectronics AN2242 Datasheet HTML 25Page - STMicroelectronics AN2242 Datasheet HTML 26Page - STMicroelectronics AN2242 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
AN2242
7 Part List
23/31
7
Part List
Table 7.
Part List
Des
Part Type/
Part Value
Description
Supplier
C10
470uF-25V YXF ALUMINIUM ELCAP - YXF SERIES - 105°C
RUBYCON
C11
100uF-25V YXF ALUMINIUM ELCAP - YXF SERIES - 105°C
RUBYCON
C12
100N - 50V
CERCAP - GENERAL PURPOSE
AVX
C14
100N - 50V
CERCAP - GENERAL PURPOSE
AVX
C15
100N - 50V
CERCAP - GENERAL PURPOSE
AVX
C16
100N - 50V
CERCAP - GENERAL PURPOSE
AVX
C17
100N - 50V
CERCAP - GENERAL PURPOSE
AVX
C18
220N-X2
X2 FILM CAPACITOR - R46-KI 3220 00 L2M
ARCOTRONICS
C19
47uF-50V YXF
ALUMINIUM ELCAP - YXF SERIES - 105°C
RUBYCON
C20
82uF-400V
SMH400VN82xx22A - ALUMINIUM ELCAP - SMH
SERIES - 85°C
NIPPON CHEMICON
C21
10N-400V
R66MD2100AA6-K - METALLIZED POLYESTER FILM
CAP.
ARCOTRONICS
C22
1000uF-16V
YXF
ALUMINIUM ELCAP - YXF SERIES - 105°C
RUBYCON
C23
1000uF-16V
YXF
ALUMINIUM ELCAP - YXF SERIES - 105°C
RUBYCON
C24
220uF-16V YXF ALUMINIUM ELCAP - YXF SERIES - 105°C
RUBYCON
C27
100uF-25V YXF ALUMINIUM ELCAP - YXF SERIES - 105°C
RUBYCON
C28
100uF-25V YXF ALUMINIUM ELCAP - YXF SERIES - 105°C
RUBYCON
C29
100uF-25V YXF ALUMINIUM ELCAP - YXF SERIES - 105°C
RUBYCON
C30
2N2 - 50V
CERCAP - GENERAL PURPOSE
AVX
C31
100N - 50V
CERCAP - GENERAL PURPOSE
AVX
C32
100N - 50V
CERCAP - GENERAL PURPOSE
AVX
C33
10N - 50V
CERCAP - GENERAL PURPOSE
AVX
C34
220P - 50V
CERCAP - GENERAL PURPOSE
AVX
C35
2200uF-16V
YXF
ALUMINIUM ELCAP - YXF SERIES - 105°C
RUBYCON
C36
470P - 50V
CERCAP - GENERAL PURPOSE
AVX
C37
3N3 - 50V
CERCAP - GENERAL PURPOSE
AVX
C38
100N - 50V
CERCAP - GENERAL PURPOSE
AVX
C39
100N - 50V
CERCAP - GENERAL PURPOSE
AVX
C40
10uF-50V YXF
ALUMINIUM ELCAP - YXF SERIES - 105°C
RUBYCON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com