Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC547 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # BC547
Description  EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BC547 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  BC547 Datasheet HTML 1Page - KEC(Korea Electronics) BC547 Datasheet HTML 2Page - KEC(Korea Electronics) BC547 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2013. 7. 08
1/3
SEMICONDUCTOR
TECHNICAL DATA
BC546/7/8
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 5
GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION .
FEATURES
・High Voltage : BC546 V
CEO=65V.
・For Complementary With PNP Type BC556/557/558.
MAXIMUM RATING (Ta=25
℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base
Voltage
BC546
VCBO
80
V
BC547
50
BC548
30
Collector-Emitter
Voltage
BC546
VCEO
65
V
BC547
45
BC548
30
Emitter-Base
Voltage
BC546
VEBO
6
V
BC547
6
BC548
5
Collector Current
BC546
IC
100
mA
BC547
100
BC548
100
Base Current
BC546
IB
20
mA
BC547
20
BC548
20
Emitter Current
BC546
IE
-100
mA
BC547
-100
BC548
-100
Collector Power Dissipation
*PC
625
mW
400
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55
~150
℃
*Cu Lead-Frame : 625mW
Fe Lead-Frame : 400mW


Similar Part No. - BC547

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC547 ONSEMI-BC547 Datasheet
140Kb / 6P
Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
NXP Semiconductors
BC547 PHILIPS-BC547 Datasheet
47Kb / 8P
NPN general purpose transistors
2004 Nov 25
logo
Semtech Corporation
BC547 SEMTECH-BC547 Datasheet
371Kb / 5P
NPN Silicon Epitaxial Planar Transistor
logo
Siemens Semiconductor G...
BC547 SIEMENS-BC547 Datasheet
210Kb / 6P
NPN Silicon Transistors
logo
Fairchild Semiconductor
BC547 FAIRCHILD-BC547 Datasheet
44Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - BC547

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N2904E KEC-2N2904E Datasheet
51Kb / 4P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
2N3904 KEC-2N3904 Datasheet
192Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
2N3904C KEC-2N3904C Datasheet
205Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BC338 KEC-BC338 Datasheet
275Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BC849 KEC-BC849 Datasheet
146Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BSS64 KEC-BSS64 Datasheet
60Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KN2222S KEC-KN2222S Datasheet
268Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTC3114 KEC-KTC3114 Datasheet
395Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTC812E KEC-KTC812E Datasheet
78Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTN2222 KEC-KTN2222 Datasheet
471Kb / 5P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com