Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCW68 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # BCW68
Description  EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BCW68 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  BCW68 Datasheet HTML 1Page - KEC(Korea Electronics) BCW68 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1998. 6. 15
1/2
SEMICONDUCTOR
TECHNICAL DATA
BCW68
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 1
HIGH CURRENT APPLICATION.
MAXIMUM RATING (Ta=25
℃)
DIM
MILLIMETERS
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.40+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
Q
0.1 MAX
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P7
+
_
Q
1. EMITTER
2. BASE
3. COLLECTOR
* : Package Mounted On 99.9% Alumina 10
×8×0.6mm.
Type Name
h
Rank
FE
Marking
Lot No.
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-45
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-800
mA
Emitter Current
IE
800
mA
Collector Power Dissipation
PC *
350
mW
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55
~150
℃
TYPE
MARK
BCW68F
DF
BCW68G
DG
MARK SPEC


Similar Part No. - BCW68

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCW68 ZETEX-BCW68 Datasheet
39Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Infineon Technologies A...
BCW68 INFINEON-BCW68 Datasheet
50Kb / 5P
PNP Silicon AF Transistors
Jul-10-2001
logo
Diotec Semiconductor
BCW68 DIOTEC-BCW68 Datasheet
182Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Guangdong Kexin Industr...
BCW68 KEXIN-BCW68 Datasheet
42Kb / 2P
PNP General Purpose Transistors
logo
SEMTECH ELECTRONICS LTD...
BCW68 SEMTECH_ELEC-BCW68 Datasheet
125Kb / 2P
PNP Silicon Epitaxial Planar Transistor
More results

Similar Description - BCW68

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1271 KEC-KTA1271 Datasheet
230Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1272 KEC-KTA1272 Datasheet
113Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1273 KEC-KTA1273 Datasheet
278Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1282 KEC-KTA1282 Datasheet
68Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1283 KEC-KTA1283 Datasheet
68Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1661 KEC-KTA1661 Datasheet
337Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1663 KEC-KTA1663 Datasheet
284Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1664 KEC-KTA1664 Datasheet
343Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
MPS8550 KEC-MPS8550 Datasheet
68Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
MPS8550S KEC-MPS8550S Datasheet
390Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com