Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2566 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2566
Description  PM6680 evaluation kit dual step-down controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2566 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2566 Datasheet HTML 9Page - STMicroelectronics AN2566 Datasheet HTML 10Page - STMicroelectronics AN2566 Datasheet HTML 11Page - STMicroelectronics AN2566 Datasheet HTML 12Page - STMicroelectronics AN2566 Datasheet HTML 13Page - STMicroelectronics AN2566 Datasheet HTML 14Page - STMicroelectronics AN2566 Datasheet HTML 15Page - STMicroelectronics AN2566 Datasheet HTML 16Page - STMicroelectronics AN2566 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AN2566
Quick start
13/29
7
Quick start
1.
Connect the VIN+ and VIN- test points of the evaluation board to an external power
supply.
2.
Ensure that all DIP switches (S2) are in the "OFF" position. In this condition all outputs
are disabled (shutdown mode).
3.
Turn S21 to the “ON” position (SHDN pin high). This turns on the LDO5 output
(standby-mode).
4.
Turn S22 to the “ON” position (EN1 pin high). The 1.5 V switching controller begins
regulation of the output. PGOOD1 pin goes high after soft-start.
5.
Turn S23 to the “ON” position (EN2 pin high). The 1.05 V switching controller begins
regulation of the output. PGOOD2 pin goes high after soft-start.
6.
In order to load the switching outputs, the loads must be connected between the "+"
and the "-" output test points, respectively.
7.
In order to load the linear outputs, the loads must be connected between J10 and
LDO5 or alternative RLD5V resistors can be used on the evaluation board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com