Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2566 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2566
Description  PM6680 evaluation kit dual step-down controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2566 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2566 Datasheet HTML 19Page - STMicroelectronics AN2566 Datasheet HTML 20Page - STMicroelectronics AN2566 Datasheet HTML 21Page - STMicroelectronics AN2566 Datasheet HTML 22Page - STMicroelectronics AN2566 Datasheet HTML 23Page - STMicroelectronics AN2566 Datasheet HTML 24Page - STMicroelectronics AN2566 Datasheet HTML 25Page - STMicroelectronics AN2566 Datasheet HTML 26Page - STMicroelectronics AN2566 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
AN2566
Test setup and performance summary
23/29
Figure 18.
Device current consumption vs. input voltage
10.6
Switching frequency vs. load current
Figure 19 and Figure 20 show the switching frequency variation with the load current in
PWM mode, skip mode and no-audible skip mode. 12 V is applied at the VIN+ and VIN- test
points.
Figure 19.
1.5 V output switching frequency vs. load current
STANDBY MODE INPUT BATTERY CURRENT
vs INPUT VOLTAGE
172
174
176
178
180
182
184
8
10121416
182022242628
INPUT VOLTAGE [V]
1.5V SWITCHING FREQUENCY
vs LOAD CURRENT
0
50
100
150
200
250
0.01
0.1
1
10
LOAD CURRENT [A]
PWM
NO AUD. SKIP
SKIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com