Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2600 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2600
Description  SMPS for high-end PVR based on L6668
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2600 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2600 Datasheet HTML 9Page - STMicroelectronics AN2600 Datasheet HTML 10Page - STMicroelectronics AN2600 Datasheet HTML 11Page - STMicroelectronics AN2600 Datasheet HTML 12Page - STMicroelectronics AN2600 Datasheet HTML 13Page - STMicroelectronics AN2600 Datasheet HTML 14Page - STMicroelectronics AN2600 Datasheet HTML 15Page - STMicroelectronics AN2600 Datasheet HTML 16Page - STMicroelectronics AN2600 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
AN2600
Test description
13/30
Note:
All voltages are within tolerance.
Figure 4.
Vds and Id of STP5NK60Z in full load at Vin = 184 Vrms - 50 Hz
Figure 5.
Vds and Id of STP5NK60Z in full load at Vin = 230 Vrms - 50 Hz
Table 6.
Output voltages measurement at Vin= 276 V and full load
Vout [V]
3.42
5.09
11.91
16.69
22.8
32.21
-26.72
Vin [Vrms]
276
∆Vout%
3.6
+1.8
-0.75
+4.3
-0.8
-2.4
+6.88
Iout [A]
3.5
1.9
0.8
0.5
0.5
0.01
0.15
Iin[Arms]
0.548
Pout [W]
11.97
9.67
9.53
8.36
11.41
0.32
4
Pin [W]
74.9
PoutTOT [W]
52.5
η(%)
73.8
fs [kHz]
66.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com