Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2600 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2600
Description  SMPS for high-end PVR based on L6668
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2600 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2600 Datasheet HTML 17Page - STMicroelectronics AN2600 Datasheet HTML 18Page - STMicroelectronics AN2600 Datasheet HTML 19Page - STMicroelectronics AN2600 Datasheet HTML 20Page - STMicroelectronics AN2600 Datasheet HTML 21Page - STMicroelectronics AN2600 Datasheet HTML 22Page - STMicroelectronics AN2600 Datasheet HTML 23Page - STMicroelectronics AN2600 Datasheet HTML 24Page - STMicroelectronics AN2600 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
AN2600
Test description
21/30
Figure 14.
High frequency ripple of output voltages at full load at 230 V
3.3
Measurement of RMS current of output capacitors
Table 15 shows the RMS current values flowing into the output capacitors at 230Vac, full
load. All the RMS currents are within the rating of the capacitor type indicated. This avoids
any component overstress that could affect the reliability and the expected lifetime of the
SMPS.
3.4
Dynamic load test
The dynamic load tests have been performed by varying the load on 3.3 V and 5 V outputs,
keeping the other outputs at full load. Varying the load on 3.3 V output, the following results
have been obtained:
CH1: +23 Vout (brown)
CH2: +16 Vout (blue)
CH3: +12 Vout (purple)
CH4: +5 Vout (green)
CH1: -25 Vout (brown)
CH3: +33 Vout (purple)
CH4: +3.3 Vout (green)
Table 15.
Measurement of RMS current of output capacitors at Vin= 230 V and full
load
ICapC77 (16Vout)ICapC91 (3.3Vout)ICapC81 (23Vout)ICapC102 (5Vout)
0.850
1.9
0.550
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com