Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2623 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2623
Description  Evaluation board for off-line forward converter based on L5991
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2623 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2623 Datasheet HTML 17Page - STMicroelectronics AN2623 Datasheet HTML 18Page - STMicroelectronics AN2623 Datasheet HTML 19Page - STMicroelectronics AN2623 Datasheet HTML 20Page - STMicroelectronics AN2623 Datasheet HTML 21Page - STMicroelectronics AN2623 Datasheet HTML 22Page - STMicroelectronics AN2623 Datasheet HTML 23Page - STMicroelectronics AN2623 Datasheet HTML 24Page - STMicroelectronics AN2623 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
AN2623
Experimental results
21/25
4.5
Short circuit test
All tests have been done at nominal, maximum and minimum input voltages. For all
conditions the drain voltages are always below BVDSS. As clearly indicated in the
waveforms, the circuit starts to work in hiccup mode. Because the working time and the idle
time are imposed by the charging and discharging time of the auxiliary capacitor C11 (refer
to Figure 4), they are proportional to the input mains voltage.
Figure 11.
Behavior of the system in short circuit condition at different input
voltages
As expected the circuit protects itself as well.
Vin=88Vac
Vin=290Vac
Vin=220Vac
Blue: VCC
Brown: output voltage
Purple: drain voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com