Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2623 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2623
Description  Evaluation board for off-line forward converter based on L5991
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2623 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2623 Datasheet HTML 17Page - STMicroelectronics AN2623 Datasheet HTML 18Page - STMicroelectronics AN2623 Datasheet HTML 19Page - STMicroelectronics AN2623 Datasheet HTML 20Page - STMicroelectronics AN2623 Datasheet HTML 21Page - STMicroelectronics AN2623 Datasheet HTML 22Page - STMicroelectronics AN2623 Datasheet HTML 23Page - STMicroelectronics AN2623 Datasheet HTML 24Page - STMicroelectronics AN2623 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Experimental results
AN2623
22/25
4.6
Thermal measurement and global efficiency
One of the most critical parts of the power supply is the MOSFET. As previously seen at the
end of Section 3.4: Power transformer design and MOSFET choice a heatsink is necessary.
To verify the correct thermal behavior of the MOSFET, it was checked at maximum load and
maximum input voltage. The device reaches the thermal steady state of 94 °C.
Figure 12 shows the global efficiency in function of the input voltage for two values of load.
From the graph, we can conclude that the board has good efficiency. In absolute terms the
minimum value is around 80% for Vin=290 V and the maximum is around 86% for Vin=88 V.
The technical requirements for this converter have been respected.
Figure 12.
Efficiency of the system
Table 3.
Bill of material
Item
Quantity
Reference
Properties
1
1
1
TL 431 STMicroelectronics part
2
2
CB1
47 nF X2 Cap
CA1
47 nF X2 Cap
31
CT1
4.7 nF
4
1
C1
270 µF, ESR=42 m
Ω, 50 V, electrolytic capacitor
5
2
C2
100 µF, 450 V, electrolytic capacitor
C3
100 µF, 450 V, electrolytic capacitor
6
1
C4
330 µF, 450 V, electrolytic capacitor
7
1
C5
2.2 nF, Y1 Cap
81
C6
33 nF
9
1
C7
10 µF, 20 V electrolytic capacitor
10
1
C8
6 nF
11
2
C9
100 pF ceramic capacitor
C10
100 pF ceramic capacitor
12
1
C11
22 µF, 25 V, electrolytic capacitor
13
1
C12
1 nF ceramic capacitor
76.00
77.00
78.00
79.00
80.00
81.00
82.00
83.00
84.00
85.00
86.00
87.00
88
220
290
Input voltage (V)
Load=4.5A
Load=2.3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com