Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2679 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2679
Description  Smart inductive proximity switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2679 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2679 Datasheet HTML 8Page - STMicroelectronics AN2679 Datasheet HTML 9Page - STMicroelectronics AN2679 Datasheet HTML 10Page - STMicroelectronics AN2679 Datasheet HTML 11Page - STMicroelectronics AN2679 Datasheet HTML 12Page - STMicroelectronics AN2679 Datasheet HTML 13Page - STMicroelectronics AN2679 Datasheet HTML 14Page - STMicroelectronics AN2679 Datasheet HTML 15Page - STMicroelectronics AN2679 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Software implementation
AN2679
12/16
3
Software implementation
After the first start-up following the firmware upload, the ST7 MCU performs a simple board
self-test. It reads the oscillator amplitude level and voltage across the temperature-sensing
diode D2 and checks whether these values are within a specific range (this state is indicated
by blinking diagnostic LED D3; see Table 5). The oscillator amplitude level detected during
this test is also considered as an initial oscillator level when no metal object approaches the
sensing inductor L1, and its value is recorded to the Flash memory (address 0xfc00) using
an in-application programming (IAP) method. This value is later used for amplitude
reduction comparisons caused by metal objects.
Note: The initial board self-test procedure can be performed at any time by placing a jumper
on pins 3 and 4 of the ICC connector (see Figure 7) and powering up the application.
Figure 7.
Inducing the demonstration board self-test
During normal operation, the MCU then controls the sensor output based of the information
about the oscillator amplitude and the actual temperature. The main sensor part of the
firmware is implemented in an auto-reload timer interrupt service routine. In equidistant time
intervals the oscillator amplitude is sampled and its value is compared with two system
variables (ucUpperCompThreshold and ucLowerCompThreshold). One of these defines the
ON to OFF transition, and the other defines the OFF to ON transition of the sensor state.
The distance between them determines the hysteresis. These threshold variable values are
defined as a percentage of the initial oscillator level recorded in the Flash memory and are
further modified depending on the temperature by a coefficient from a lookup table.
Table 5.
Diagnostic LED blinking modes (power up self-test)
LED status
Meaning
Blinking
Input values within limits
Constant
Error
Table 6.
Diagnostic LED blinking modes (normal operation)
Flashing style
Meaning
❋ ❋ ❋ ❋ ❋ ❋
Under-temperature
❋❋
❋❋
❋❋
❋❋
Over-temperature
❋❋❋
❋❋❋
❋❋❋
Ferrite approaching the coil



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com