Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2679 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2679
Description  Smart inductive proximity switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2679 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2679 Datasheet HTML 1Page - STMicroelectronics AN2679 Datasheet HTML 2Page - STMicroelectronics AN2679 Datasheet HTML 3Page - STMicroelectronics AN2679 Datasheet HTML 4Page - STMicroelectronics AN2679 Datasheet HTML 5Page - STMicroelectronics AN2679 Datasheet HTML 6Page - STMicroelectronics AN2679 Datasheet HTML 7Page - STMicroelectronics AN2679 Datasheet HTML 8Page - STMicroelectronics AN2679 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AN2679
Sensor overview
5/16
1
Sensor overview
Proximity switches are generally used to sense the position of a moving object in
manufacturing processes. Typically, they utilize an oscillator driver circuit in combination with
an induction tank circuit. The tank circuit includes an induction coil as a means for sensing
the presence of an object such as metal. The magnetic field induces eddy currents in a
conductive object which enters within the generated magnetic field. The oscillation
amplitude is attenuated due to the energy drawn from the induction coil. The amount of the
attenuation is directly related to the distance between the metal object and the induction
coil.
A typical inductive proximity switch employs a ferrite cup core as the sensing element. It
allows the flux field to be focused in front of the cup and to further increase the sensing
distance. The oscillator typically operates between 100 kHz and 800 kHz, where the eddy
current losses are significant.
Some benefits of the MCU approach compared with a traditional solution are:
●
more reliable operation thanks to the sensor self-diagnostics
●
cheap and easy sensor trimming in the production line
●
digital temperature compensation
●
linearization of the sensor characteristic
●
simple implementation of an analog or PWM output
Figure 2.
Smart inductive proximity switch block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com