Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2753 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2753
Description  6 W single-output VIPer17 demonstration board
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2753 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2753 Datasheet HTML 17Page - STMicroelectronics AN2753 Datasheet HTML 18Page - STMicroelectronics AN2753 Datasheet HTML 19Page - STMicroelectronics AN2753 Datasheet HTML 20Page - STMicroelectronics AN2753 Datasheet HTML 21Page - STMicroelectronics AN2753 Datasheet HTML 22Page - STMicroelectronics AN2753 Datasheet HTML 23Page - STMicroelectronics AN2753 Datasheet HTML 24Page - STMicroelectronics AN2753 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
AN2753
Precision of the regulation and output voltage ripple
Doc ID 14654 Rev 2
21/31
Figure 23.
2nd OCP protection tripping
In Figure 23 when the board is working in full load condition with an input voltage of 115 VAC
the secondary winding has been shorted. The short condition on the secondary winding
leads to high drain current. After two switching cycles, the system stops and continuous
running with high currents in the primary as well as in the secondary windings are avoided
Figure 24.
Operating with secondary winding shorted
3.6
Output overvoltage protection
Monitoring the voltage across the auxiliary winding during the MOSFET off time, through the
D2 diode and the resistor divider R3 and R14 (see Figure 2) connected to the CONT pin of
the VIPer17, allows the implementation of the output overvoltage protection. If the voltage
on CONT pin exceeds the VOVP thresholds (3 V typ.) an overvoltage event is assumed and
CH2: VFB (Light blue)
CH3: VDRAIN (Purple)
CH4: IDRAIN (Green)
Test condition:
VIN= 11 VAC
Full load before short
CH1: VDD (Yellow)
CH2: VFB (Light blue)
CH4: IDRAIN (Green)
Test condition
VIN=115
Secondary winding
shorted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com