Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2753 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2753
Description  6 W single-output VIPer17 demonstration board
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2753 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2753 Datasheet HTML 19Page - STMicroelectronics AN2753 Datasheet HTML 20Page - STMicroelectronics AN2753 Datasheet HTML 21Page - STMicroelectronics AN2753 Datasheet HTML 22Page - STMicroelectronics AN2753 Datasheet HTML 23Page - STMicroelectronics AN2753 Datasheet HTML 24Page - STMicroelectronics AN2753 Datasheet HTML 25Page - STMicroelectronics AN2753 Datasheet HTML 26Page - STMicroelectronics AN2753 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
AN2753
Precision of the regulation and output voltage ripple
Doc ID 14654 Rev 2
23/31
3.7
Brownout protection
The brownout protection is basically an unlatched device shutdown functionality whose
typical use is to sense a mains undervoltage. The VIPer17 has a pin (BR, pin 5) dedicated to
this function that must be connected to the DC HV bus. If the protection is not required, it
can be disabled by connecting the pin to ground. In the presented converter the brownout
protection is implemented but can be disabled by changing the jumper J3 (see Figure 2)
settings. The settings of the jumper J3 are shown in Figure 28 and 29. The converter's
shutdown is accomplished by means of an internal comparator internally referenced to 450
mV (typ, VBRth) that disables the PWM if the voltage applied at BR pin is below the internal
reference, as shown in Figure 30. PWM operation is re-enabled as the BR pin voltage is
more than 450 mV plus 50 mV of voltage hysteresis that ensures noise immunity. The
brownout comparator is also provided with current hysteresis. An internal 10 µA current
generator is ON as long as the voltage applied at the brownout pin is below 450 mV and is
OFF if the voltage exceeds 450 mv plus the voltage hysteresis.
Figure 26.
OVP protection
Figure 27.
OVP protection (detail)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com