Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2755 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2755
Description  400 W FOT-controlled PFC pre-regulator with the L6562A
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2755 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2755 Datasheet HTML 9Page - STMicroelectronics AN2755 Datasheet HTML 10Page - STMicroelectronics AN2755 Datasheet HTML 11Page - STMicroelectronics AN2755 Datasheet HTML 12Page - STMicroelectronics AN2755 Datasheet HTML 13Page - STMicroelectronics AN2755 Datasheet HTML 14Page - STMicroelectronics AN2755 Datasheet HTML 15Page - STMicroelectronics AN2755 Datasheet HTML 16Page - STMicroelectronics AN2755 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AN2755
Audible noise
13/24
4
Audible noise
Differential mode currents in a circuit with high-frequency and low-frequency components
(like in a PFC) may produce audible noise due to intermodulation between operating
frequency and mains line frequency.
The phenomenon is produced because of mechanical vibration of reactive components like
capacitors and inductors. Current flowing in the winding can cause the vibration of wires or
ferrite which produces buzzing noise. Therefore to avoid this noise, boost and filter inductors
have to be wound with correct wire tension, and the component has to be varnished or
dipped. Frequently, X-capacitors and filter capacitors after the bridge generate acoustic
noise because of the AC current that causes the electrodes to vibrate which produces
buzzing noise. Thus, in order to minimize the AC current, inserting a differential mode (pi-
filter between the bridge and the boost inductor) helps to reduce the acoustic noise and
additionally the EMI filter benefits. This type of filter decreases significantly the ripple current
that otherwise has to be filtered by the EMI filter. The capacitors to select are polypropylene,
preferably dipped type, because boxed ones are generally more at risk to generate acoustic
noise.
The grounding of the boost inductor may help, because we decrease the emissions from the
most efficient "antenna" of our circuit. In fact, in case of improper layout, some picofarads of
layout parasitic capacitance, together with the very high dV/dt of the MOSFET drain voltage,
may inject noise somewhere in the circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com