Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2755 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2755
Description  400 W FOT-controlled PFC pre-regulator with the L6562A
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2755 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2755 Datasheet HTML 16Page - STMicroelectronics AN2755 Datasheet HTML 17Page - STMicroelectronics AN2755 Datasheet HTML 18Page - STMicroelectronics AN2755 Datasheet HTML 19Page - STMicroelectronics AN2755 Datasheet HTML 20Page - STMicroelectronics AN2755 Datasheet HTML 21Page - STMicroelectronics AN2755 Datasheet HTML 22Page - STMicroelectronics AN2755 Datasheet HTML 23Page - STMicroelectronics AN2755 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AN2755
PFC coil specification
21/24
8.3
Mechanical aspect and pin numbering
Maximum height from PCB: 31 mm
Ferrite: Two symmetrical half cores, PQ40-30
Material grade: PC44 or equivalent
Central leg air gap: ~1 mm
Coil former type: vertical, 6+6 pins
Pin distance: 5 mm
Row distance: 45.5 mm
Cut pins: 9 - 12
External copper shield: not insulated (for EMI reasons), connected to pin 11 (GND)
Figure 29.
Pin side view
27.5 mm
11
1
12
10
3
2
45 mm
57 mm
4
6
5
9
7
8
10 mm
10
11
7
8
Soldering
points
Copper shield
soldering line
Tinned copper
wire
BARE COPPER
SHIELD (NOT
INSULATED):
10 mm x 0.05 mm
Manufacturer:
P/N:
Delta electronics
86H-5410B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com