Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2786 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2786
Description  The STEVAL-IHI001V1 is a demonstration board designed to simulate
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2786 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2786 Datasheet HTML 1Page - STMicroelectronics AN2786 Datasheet HTML 2Page - STMicroelectronics AN2786 Datasheet HTML 3Page - STMicroelectronics AN2786 Datasheet HTML 4Page - STMicroelectronics AN2786 Datasheet HTML 5Page - STMicroelectronics AN2786 Datasheet HTML 6Page - STMicroelectronics AN2786 Datasheet HTML 7Page - STMicroelectronics AN2786 Datasheet HTML 8Page - STMicroelectronics AN2786 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AN2786
STLED316S: serial interfaced LED controller with key-scan
3/10
1
STLED316S: serial interfaced LED controller with
key-scan
The device used for the washing machine user interface is a compact LED controller and
driver. It interfaces with the MCU through a simple 3-wire serial interface.
The STLED316S drives up to 56 LEDs connected in a common anode configuration.
Individual digits may be addressed and updated directly, without re-writing the entire display
panel.
The maximum segment current is set through a single external resistor (RSET).
Additionally, the STLED316S includes key scanning for an 8x2 key matrix, which
automatically scans a matrix of up to 16 keys.
Figure 1.
Product application diagram example
The STLED316S is equipped with an internal display RAM memory to store the data
transmitted from the MCU through the serial interface.
The device is programmed through a variety of read/write commands that permit the user to
set the display panel and manage the keyboard.
To avoid scanning the keyboard repeatedly searching for a pressed key, an additional IRQ
signal can be connected to the MCU. An interrupt is generated whenever a key is pressed.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com