Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2786 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2786
Description  The STEVAL-IHI001V1 is a demonstration board designed to simulate
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2786 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2786 Datasheet HTML 1Page - STMicroelectronics AN2786 Datasheet HTML 2Page - STMicroelectronics AN2786 Datasheet HTML 3Page - STMicroelectronics AN2786 Datasheet HTML 4Page - STMicroelectronics AN2786 Datasheet HTML 5Page - STMicroelectronics AN2786 Datasheet HTML 6Page - STMicroelectronics AN2786 Datasheet HTML 7Page - STMicroelectronics AN2786 Datasheet HTML 8Page - STMicroelectronics AN2786 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Demonstration board application schematic
AN2786
4/10
2
Demonstration board application schematic
The demonstration board power supply is designed using a L5970D step-down switching
regulator. The input supply voltage may vary in the range of 5 V to 30 VDC, allowing the
user to connect a standard AC notebook computer power supply. The input is reverse-
polarity protected (D6), and over-voltage protected (TR1).
The power supply output voltage is set at 5 VDC by mean of 2 resistors (R2, R3).
The ST7LITE49M MCU (U2) runs at 8 MHz by means of an internal oscillator, avoiding the
need for any external components. Pull-up resistors R10 and R11 are used for the I²C bus,
while R12 and R13 prevent the MCU from entering the programming mode unintentionally.
Finally, R14 and R15 set the working mode (MD1, MD2 at logic 1 is "standalone mode").
The LEDs, display and keyboard are entirely managed through U3, (STLED316S). 8
segment lines are multiplexed with 7 digit lines, allowing a total of 56 LEDs (in a common
anode configuration) to be controlled by a single STLED316S device. R4 sets the LED peak
current.
Communication between the MCU and the STLED316S is achieved by means of 3 pins:
data input/output (DIO), clock (CLK) and strobe (STB). An extra IRQ pin generates an
interrupt request any time a key on the keyboard is pressed.
The demonstration board is equipped with connectors J3 and J4 to allow connection to the
STEVAL-IHI002V1 daughter demonstration board. The board is also equipped with ICC
programming connector J2 to program the MCU in-circuit. An extra I²C bus connector (J5) is
foreseen to eventually connect other boards or devices via I²C bus.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com