Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0531 Datasheet(PDF) 2 Page - STMicroelectronics

Part # UM0531
Description  STEVAL-MKI015V1 adapter board for the LIS344ALH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0531 Datasheet(HTML) 2 Page - STMicroelectronics

  UM0531 Datasheet HTML 1Page - STMicroelectronics UM0531 Datasheet HTML 2Page - STMicroelectronics UM0531 Datasheet HTML 3Page - STMicroelectronics UM0531 Datasheet HTML 4Page - STMicroelectronics UM0531 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Adapter board layout and pin description
UM0531
2/5
1
Adapter board layout and pin description
A photograph of the adapter board is shown in Figure 1, together with an illustration of the
top silk-screen layer and the board layout.
Figure 1.
Adapter board photograph, top silk-screen layer and board layout
In addition to the MEMS sensor, the adapter board includes two filtering capacitors (10 µF
and 100 nF, respectively) on the analog Vdd power supply line.
The pin description of the STEVAL-MKI015V1 is provided in Table 1.
For further details about the usage of the LIS344ALH 3-axis accelerometer, please refer to
the device datasheet.
Table 1.
STEVAL-MKI015V1 pin description
Adapter board pin #
Pin name
Function
1
Vdd
Power supply
2-3, 5, 7, 9-12, 14-15, 17-24
NC
Not connected
4
Voutx
Output voltage X channel
6
Vouty
Output voltage Y channel
8
Voutz
Output voltage Z channel
13
GND
0V supply
16
ST
Self-test (logic 0: normal mode; logic 1: self-test)
17
FS
Full scale (logic 0: normal mode; logic 1: self-test)
18
PD
Power down (logic 0: normal mode; logic 1: self-test)
Pin #1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com