Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0531 Datasheet(PDF) 3 Page - STMicroelectronics

Part # UM0531
Description  STEVAL-MKI015V1 adapter board for the LIS344ALH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0531 Datasheet(HTML) 3 Page - STMicroelectronics

  UM0531 Datasheet HTML 1Page - STMicroelectronics UM0531 Datasheet HTML 2Page - STMicroelectronics UM0531 Datasheet HTML 3Page - STMicroelectronics UM0531 Datasheet HTML 4Page - STMicroelectronics UM0531 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UM0531
Schematic and connection diagram
3/5
2
Schematic and connection diagram
Figure 2.
Schematic and connection diagram for the STEVAL-MKI015V1
1
2
3
4
5
6
7
8
9
10
11
12
Header 12
JP1
24
23
22
21
20
19
18
17
16
15
14
13
Header 12
JP2
+
10uF
C2
100nF
C1
P01
P02
P03
P04
P05
P06
P07
P08
P09
P10
P11
3
1
P
2
1
P
P14
P15
P16
P17
P18
P19
P20
P21
P22
P23
P24
P13
P01
FS
1
VoutX
12
NC
11
VoutY
10
NC
9
Res
4
NC
3
ST
2
LIS344ALH
U1
P16
P06
P04
P13
P17
0R
R1
0R
R2
0R
R3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com