Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2432 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2432
Description  This document describes a 60W adapter application using
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2432 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2432 Datasheet HTML 9Page - STMicroelectronics AN2432 Datasheet HTML 10Page - STMicroelectronics AN2432 Datasheet HTML 11Page - STMicroelectronics AN2432 Datasheet HTML 12Page - STMicroelectronics AN2432 Datasheet HTML 13Page - STMicroelectronics AN2432 Datasheet HTML 14Page - STMicroelectronics AN2432 Datasheet HTML 15Page - STMicroelectronics AN2432 Datasheet HTML 16Page - STMicroelectronics AN2432 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Functional check
AN2432
13/27
3
Functional check
3.1
Start-up behavior at full load
Figure 11 and Figure 12 show the start-up phase at full output load at minimum and
maximum mains voltages. The rising time is nearly constant over all input voltage range.
The output voltage reaches its regulated value without any overshoot.
The soft-start function is integrated in the L6668 controller and can be programmed by
changing the value of C10.
3.2
Wake-up time
The wake-up time is the time needed for the output voltage to reach its nominal value from
the moment the adapter is plugged-in. Thanks to the internal high voltage start-up current
generator of the L6668, the wake-up time of this demo board is quite fast (approx. 900ms)
and, above all, independent of the mains voltage value.
When the IC starts, the generator is turned off, saving power in every working condition.
Figure 11.
Start-up at 88VAC - 60Hz
Figure 12.
Start-up at 264VAC - 50Hz
CH2: SS pin
CH3: Output voltage
CH2: SS pin
CH3: Output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com