Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2432 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2432
Description  This document describes a 60W adapter application using
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2432 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2432 Datasheet HTML 17Page - STMicroelectronics AN2432 Datasheet HTML 18Page - STMicroelectronics AN2432 Datasheet HTML 19Page - STMicroelectronics AN2432 Datasheet HTML 20Page - STMicroelectronics AN2432 Datasheet HTML 21Page - STMicroelectronics AN2432 Datasheet HTML 22Page - STMicroelectronics AN2432 Datasheet HTML 23Page - STMicroelectronics AN2432 Datasheet HTML 24Page - STMicroelectronics AN2432 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Bill of materials
AN2432
21/27
D2
LL4148
Fast switching diode
Vishay
D3
LL4148
Fast switching diode
Vishay
D4
LL4148
Fast switching diode
Vishay
D5
STTH1L06U
Ultrafast high voltage rectifier
STMicroelectronics
D6
BAV103
Fast switching diode
Vishay
D7
W06G
Single phase bridge rectifier
Vishay
D8
1.5KE200A
Transil
STMicroelectronics
D9
1N4148WS
Fast switching diode
Vishay
D10
LL4148
Fast switching diode
Vishay
D11
BAV103
Fast switching diode
Vishay
F1
T2A
PCB FUSE 2A time delay TR5 - 372 1200
Wickmann
J1
MKDS 1,5/3-5.08 PCB term. block, screw conn., pitch 5.08
Phoenix Contact
J2
MKDS 1,5/3-5.08 PCB term. block, screw conn., pitch 5.08
Phoenix Contact
L1
2x27mH
Common mode choke coil - B82734-R2172-B30
EPCOS
L2
2u2
Power inductor - RFB0807-2R2L
Coilcraft
L3
100uH
RF inductor - B78108S1104J000
EPCOS
NTC1
5R - S237
NTC resistor - B57237S0509M000
EPCOS
Q1
STP75NF75L
N-channel Power MOSFET
STMicroelectronics
Q1
FK 242 SA 220 O Heatsink
Fischer
Q2
BC807-25
Small signal PNP transistor
Vishay
Q3
STP9NK70ZFP
N-channel Power MOSFET
STMicroelectronics
Q3
593002B03400
Heatsink
Aavid
RV1
S14K275
Varistor - B72214S0271K101
EPCOS
R1
1k
SMD standard film resistor - 0805 - 5% - 250ppm/°C
Vishay
R2
1k
SMD standard film resistor - 0805 - 5% - 250ppm/°C
Vishay
R3
22
SMD standard film resistor - 0805 - 5% - 250ppm/°C
Vishay
R4
33k
SMD standard film resistor - 1206 - 5% - 250ppm/°C
Vishay
R5
33k
SMD standard film resistor - 0805 - 5% - 250ppm/°C
Vishay
R6
100k
SMD standard film resistor - 0805 - 1% - 100ppm/°C
Vishay
R8
33k
SMD standard film resistor - 0805 - 5% - 250ppm/°C
Vishay
R9
0.56
SMD standard film resistor - 1206 - 1% - 100ppm/°C
Vishay
R10
0.56
SMD standard film resistor - 1206 - 1% - 100ppm/°C
Vishay
R11
22
SMD standard film resistor - 0805 - 5% - 250ppm/°C
Vishay
R12
1k
SMD standard film resistor - 0805 - 5% - 250ppm/°C
Vishay
R13
N.M.
SMD standard film resistor - 0805
Vishay
Table 11.
Part list (continued)
Ref
Part Value
Description
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com