Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2435 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2435
Description  TM sepic converter in PFC pre-regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2435 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2435 Datasheet HTML 9Page - STMicroelectronics AN2435 Datasheet HTML 10Page - STMicroelectronics AN2435 Datasheet HTML 11Page - STMicroelectronics AN2435 Datasheet HTML 12Page - STMicroelectronics AN2435 Datasheet HTML 13Page - STMicroelectronics AN2435 Datasheet HTML 14Page - STMicroelectronics AN2435 Datasheet HTML 15Page - STMicroelectronics AN2435 Datasheet HTML 16Page - STMicroelectronics AN2435 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
AN2435
Practical design example of a sepic converter
13/25
Figure 9.
Equivalent current source of the sepic converter
Figure 10.
Small signal model for the TM sepic converter
2
Practical design example of a sepic converter
A practical example of a sepic converter is described below.
2.1
Design specifications
For the input data, the design specifications are needed.
C1
Load
ID1AVG
C2
Load
Pk
I
e
ˆ
2 ⋅
2
r
ACRMS
V
g
ˆ
2 ⋅
+
-
O
Vˆ
Table 1.
Design specification
Quantity
Value
Mains voltage range: VINMIN (RMS) – VINMAX (RMS)
175 VACRMS - 265 VACRMS
Regulated DC output voltage
200 V
Rated Output Power: PO
65 W
Minimum switching frequency: fswmin
45 kHz
Maximum over-voltage admitted
: ∆V
OVP
40 V
Maximum output voltage ripple
∆V
O
20 V
Expected efficiency:
η
90 %
Maximum mains RMS current
I
INRMSMAX
P
O
η V
ACMIN
•
----------------------------
420mA
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com