Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2435 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2435
Description  TM sepic converter in PFC pre-regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2435 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2435 Datasheet HTML 17Page - STMicroelectronics AN2435 Datasheet HTML 18Page - STMicroelectronics AN2435 Datasheet HTML 19Page - STMicroelectronics AN2435 Datasheet HTML 20Page - STMicroelectronics AN2435 Datasheet HTML 21Page - STMicroelectronics AN2435 Datasheet HTML 22Page - STMicroelectronics AN2435 Datasheet HTML 23Page - STMicroelectronics AN2435 Datasheet HTML 24Page - STMicroelectronics AN2435 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
AN2435
Board description and bench evaluation results
21/25
4.2
Bench results
The diagrams in this section summarize the results of certain bench evaluations. They also
show waveforms under different load and line conditions.
Figure 14 illustrates the measured efficiency for different loads (65 W, 38 W and 22 W of
output power) versus the input ac voltage.
Figure 15 demonstrates the MOSFET drain voltage (Ch4), the output voltage (Ch3) and the
input voltage.
The quantities that indicate the quality of the input current as power factor, THD (Total
Harmonic Distortion) and crest factor, where measured at full load and for different input
voltages. They are reported in Table 3.
Figure 16 to Figure 19 show the currents flowing in the two inductors (Ch1: L1 current; Ch2:
L2 current) for different load conditions. Letting the input voltage of the converter (the
rectified main) be a perfect rectified sinusoid, it may be used as a reference and is shown as
Ch4 in the above figures.
Figure 20 illustrates the input current (Ch1) measured before the input bridge diodes. The
voltage at the input of the bridge diodes (Ch4) is also shown as a reference.
Figure 20 is input current at full load (65 W) with 230 Vac as input voltage. Figure 21 is input
current at half load (32 W) with 230 Vac as input voltage.
Figure 14.
Efficiency chart
Table 3.
Input current quality measurements
Pout = 65 W
Input voltage (VRMS)
PFC
THD %
Crest factor
175
0.992
10.3
1.35
220
0.986
12.3
1.36
230
0.984
12.6
1.37
265
0.975
14.2
1.46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com