Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2439 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2439
Description  27 W Output power ultra wide range input
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2439 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2439 Datasheet HTML 5Page - STMicroelectronics AN2439 Datasheet HTML 6Page - STMicroelectronics AN2439 Datasheet HTML 7Page - STMicroelectronics AN2439 Datasheet HTML 8Page - STMicroelectronics AN2439 Datasheet HTML 9Page - STMicroelectronics AN2439 Datasheet HTML 10Page - STMicroelectronics AN2439 Datasheet HTML 11Page - STMicroelectronics AN2439 Datasheet HTML 12Page - STMicroelectronics AN2439 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AN2439
Board description
9/20
Figure 6.
Flyback converter primary side schematic
Figure 7.
Flyback converter secondary side schematic
L5991
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SY NC
RCT
DC-C
Vref
VFB
Comp
SS
Vcc
ST-BY
DC lim
DIS
CS
SGND
PGND
GD
Vc
R14
10k
Q1
STQ1NK60ZR
1
R2
1 Meg
R1 1 Meg
R5
4.7k
M1
STP10NK70
1
R4 N.M.
R11
1.5k
RSB2
0.66 1/2W
D5
BAT49
R6
5.6k 1%
CSS1
47nF
C8
100pF
R12
15k
R8
22k
CVCC1
47uF 25V
C12
10uF 35V
R13 8.2
R7 10
C7
100nF
D4
12V
D3
1N4148
RA 1
4.3k 1%
C9
4.7nF
Q2
BC337
D2
STTH1L06
R3 6.8k 1%
Q3 STX715
CCLAMP1
1.2nF 400V
RCLAMPB1
18k 2W
R10 100k
R9 100k
D12B1
STTH102
C11
2.2nF
RSB1
0.66 1/2W
D6
15Vz
HeatSink 15 C/W
C10
1.8nF
Primary -
Auxiliary +
Opto Collector
Primary +
Start up Circuit
Mosfet M1 Heat Sink
Dc-Dc Cov erter
In+
In-
Out+
Out-
D7 DIODE
C16
33uF
R21
1k N.M.
R22
22k
OPTO1
PC817
4
3
R18
470
C19
1uF
TP2
TEST POINT
1
R20
82k 1%
R23
82k 1%
D10
TL1431
3
J3
CON3
1
2
3
C212 CY1
T1
Transf ormer
1
3
7
14
6
13
8
9
+
C14
1800uF 16V MCZ
C15
1800uF 16V MCZ
C13
1800uF 16V MCZ
C17
1800uF 16V MCZ
HS1
HeatSink 10 C/W
1
P
L3
8.2uH 2.5A
Primary +
Auxiliary +
Primary -
Opto Collector
Diode D7 Heat Sink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com