Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2439 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2439
Description  27 W Output power ultra wide range input
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2439 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2439 Datasheet HTML 9Page - STMicroelectronics AN2439 Datasheet HTML 10Page - STMicroelectronics AN2439 Datasheet HTML 11Page - STMicroelectronics AN2439 Datasheet HTML 12Page - STMicroelectronics AN2439 Datasheet HTML 13Page - STMicroelectronics AN2439 Datasheet HTML 14Page - STMicroelectronics AN2439 Datasheet HTML 15Page - STMicroelectronics AN2439 Datasheet HTML 16Page - STMicroelectronics AN2439 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AN2439
Board description
13/20
1.6
Transformer
The details of the transformer used are listed below.
●
Electrical characteristics
–
Primary inductance value: 450 µH
–
Primary leakage inductance: 12 µH
●
Magnetic core
–
Material: N67
–Type: ETD29
–
Air gap:
≈ 0.2 mm
Figure 8 describes the used and suggested placing of the windings.
Figure 8.
Transformer winding placing
1.7
Board tests
The tests performed aim to evaluate the converter behavior in terms of efficiency, safe
operating area of the devices, and line and load regulation.
1.8
Start-up tests
In a flyback converter the most critical conditions for the mains switch (when no abnormal
event occurs), in terms of maximum drain current and of maximum drain voltage, are during
the start-up phase. The max values for drain voltage and current were measured in both full
Table 6.
Winding size
Winding
Number of turns
Wire size
Primary winding
46
AWG26
Secondary winding
4
AWG26X4
Auxiliary winding
10
AWG40
½ Primary Winding
½ Primary Winding
Secondary Winding
Auxiliary Winding
Insulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com