Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2811 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2811
Description  High brightness LEDs are becoming a prominent source of lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2811 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2811 Datasheet HTML 6Page - STMicroelectronics AN2811 Datasheet HTML 7Page - STMicroelectronics AN2811 Datasheet HTML 8Page - STMicroelectronics AN2811 Datasheet HTML 9Page - STMicroelectronics AN2811 Datasheet HTML 10Page - STMicroelectronics AN2811 Datasheet HTML 11Page - STMicroelectronics AN2811 Datasheet HTML 12Page - STMicroelectronics AN2811 Datasheet HTML 13Page - STMicroelectronics AN2811 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
General circuit description
AN2811
10/25
Doc ID 14904 Rev 1
Name
Value
Rated
Type
R2
6.8 k
Ω
1%
Resistor [0603]
R3
100 k
Ω
1%
Resistor [0603]
R4
56 k
Ω
1%
Resistor [0603]
R5
10 k
Ω
1%
Resistor [0603]
R6
10
Ω
1%
Resistor [0603]
R7
82 k
Ω
1%
Resistor [0603]
R8
3 k
Ω
1%
Resistor [0603]
R9, R12
1.2
Ω
1%
Resistor [1206]
R10
3.3 k
Ω
1%
Resistor [0603]
R11
24 k
Ω
1%
Resistor [0603]
R13
2.7 k
Ω
1%
Resistor [0603]
R14
1 M
Ω
1%
Resistor [0603]
T1 (1)
T_EE10/11_TDK
1 mH
TDK flyback transformer
U1
VIPER17HN
Offline high voltage
converter
STMicroelectronics [DIP-7]
U2
TSM103W
Dual OP and voltage
reference
STMicroelectronics [SO-8]
1.
T1, the transformer design, is shown in Section 3.4 on page 11. Table 3 gives the basic electrical
characteristics, Figure 8 shows the winding structure, and Figure 9 illustrates the bobbin outline.
Table 2.
Bill of material (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com