Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2811 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2811
Description  High brightness LEDs are becoming a prominent source of lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2811 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2811 Datasheet HTML 17Page - STMicroelectronics AN2811 Datasheet HTML 18Page - STMicroelectronics AN2811 Datasheet HTML 19Page - STMicroelectronics AN2811 Datasheet HTML 20Page - STMicroelectronics AN2811 Datasheet HTML 21Page - STMicroelectronics AN2811 Datasheet HTML 22Page - STMicroelectronics AN2811 Datasheet HTML 23Page - STMicroelectronics AN2811 Datasheet HTML 24Page - STMicroelectronics AN2811 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Conclusion
AN2811
22/25
Doc ID 14904 Rev 1
6
Conclusion
This document introduces a non-isolated offline constant-current LED driver based on the
VIPer17. The input range is 220 VAC +/- 20% and the device is capable of driving two
500 mA white light LEDs. The LED current is sensed and regulated through the TSM103W
and attains a constant output current. By using resistors with 1% precision, the output
current achieves a maximum tolerance less than 5%. The input fuse and input filter are built
on a 30 mm x 30 mm PCB. Overtemperature protection, LED open-circuit and LED short-
circuit protection are all integrated functions which enhance the reliability of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com