Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KDR720S Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KDR720S
Description  SCHOTTKY BARRIER TYPE DIODE(FOR HIGH SPEED SWITCHING CIRCUIT, FOR SMALL CURRENT RECTIFICATION)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR720S Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDR720S Datasheet HTML 1Page - KEC(Korea Electronics) KDR720S Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2003. 2. 25
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDR720S
SCHOTTKY BARRIER TYPE DIODE
Revision No : 1
For high speed switching circuit.
For small current rectification.
FEATURES
Low Forward Voltage : VF=0.55V(Max).
IO=200mA recification possible.
MAXIMUM RATING (Ta=25 )
DIM
MILLIMETERS
1. CATHODE 1
2. CATHODE 2
3. ANODE
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.45+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P7
2
1
3
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Type Name
Marking
Lot No.
MG
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF
IF=0.2A
-
-
0.55
V
Reverse Current
IR
VR=30V
-
-
50
A
Total Capacitance
CT
VR=0V, f=1MHz
-
30
-
pF
Reverse Recovery Time
trr
IR=IF=10mA
-
3
-
nS
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak Reverse Voltage
VRRM
30
V
Reverse Voltage
VR
30
V
Average Forward Current
IO
0.2
A
Non-repetitive peak surge current
IFSM
1
A
Junction Temperature
Tj
125
Storage Temperature
Tstg
-55 125


Similar Part No. - KDR720S

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR720S KEC-KDR720S_15 Datasheet
498Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
More results

Similar Description - KDR720S

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR411 KEC-KDR411 Datasheet
384Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW PWER RECTIFICATION, FOR SWITCHING POWER SUPPLY)
KDR411S KEC-KDR411S Datasheet
384Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW POWER RECTIFICATION, FOR SWITCHING POWER SUPPLY)
KDR412 KEC-KDR412 Datasheet
388Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW POWER RECTIFICATION, FOR SWITCHING POWER SUPPLY)
KDR701S KEC-KDR701S Datasheet
384Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(FOR HIGH FREQUENCY RECTIFICATION)
KDR732 KEC-KDR732 Datasheet
391Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(HIGH SPEED RECTIFICATION)
logo
Leshan Radio Company
LBAS170HT1G LRC-LBAS170HT1G Datasheet
169Kb / 3P
SCHOTTKY BARRIER DIODE Schottky diode for high-speed switching
LRB520S-30T1G LRC-LRB520S-30T1G_11 Datasheet
507Kb / 3P
SCHOTTKY BARRIER DIODE Low current rectification and high speed switching
LRB521S-30T1G LRC-LRB521S-30T1G Datasheet
453Kb / 3P
SCHOTTKY BARRIER DIODE Low current rectification and high speed switching
LRB521S-40T1G LRC-LRB521S-40T1G Datasheet
614Kb / 4P
SCHOTTKY BARRIER DIODE Low current rectification and high speed switching
logo
Panasonic Semiconductor
MA3X727 PANASONIC-MA3X727_13 Datasheet
350Kb / 3P
Silicon epitaxial planar type For super high speed switching For small current rectification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com