Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KDR720S Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KDR720S
Description  SCHOTTKY BARRIER TYPE DIODE(FOR HIGH SPEED SWITCHING CIRCUIT, FOR SMALL CURRENT RECTIFICATION)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR720S Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KDR720S Datasheet HTML 1Page - KEC(Korea Electronics) KDR720S Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2003. 2. 25
2/2
KDR720S
Revision No : 1
AMBIENT TEMPERATURE Ta ( C)
V
- Ta
F
-40
0
0.1
0.2
0.3
0.4
0.5
I
- V
F
F
F
FORWARD VOLTAGE V (V)
0
10
510
15
20
25
30
-2
Ta=150 C
10
-1
10
1
10 2
10
3
10
-1
10
1
10 2
10 3
10 4
10
5
I
- V
R
REVERSE VOLTAGE V (V)
RR
080
40
120
200
160
Ta=100 C
Ta=25 C
REVERSE VOLTAGE V (V)
C
- V
T
R
R
0
0
4
20
24
28
8
12
16
32
Ta=25 C
515
10
20
30
25
f=1MHz
I =1mA
F
V =30V
R
V =10V
R
V =5V
R
I =100mA
F
I =200mA
F
0
0.1
0.2
0.3
0.4
0.5
Ta=150
C
I
- Ta
R
AMBIENT TEMPERAURE Ta ( C)
10
1
10 4
10 2
10
3
-40
040
80
160
120
200
Ta=100
C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com