Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2818 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2818
Description  NiMH battery charger demonstration board through USB based on the ST7FLIT15BY0
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2818 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2818 Datasheet HTML 16Page - STMicroelectronics AN2818 Datasheet HTML 17Page - STMicroelectronics AN2818 Datasheet HTML 18Page - STMicroelectronics AN2818 Datasheet HTML 19Page - STMicroelectronics AN2818 Datasheet HTML 20Page - STMicroelectronics AN2818 Datasheet HTML 21Page - STMicroelectronics AN2818 Datasheet HTML 22Page - STMicroelectronics AN2818 Datasheet HTML 23Page - STMicroelectronics AN2818 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AN2818
Board schematics
21/24
27
2
R4,R9
0 (optional)
805
Any
28
1
R5
200 k
Ω
805
Any
29
1
R6
16 k
Ω
805
Any
30
8
R7,R10,
R13,R28,R33,R36,R3
8,R42
10 k
Ω
805
Any
31
6
R11,R14,R15,R27,R3
2,R34
1 k
Ω
805
Any
32
1
R16
50
805
Any
33
1
R17
4k4(0.1%)
805
RS
Components
215-3112
34
1
R18
330
805
Any
35
1
R19
10 k
Ω (0.1%)
805
RS
Components
215-3493
36
1
R20
100
805
Any
37
1
R21
1k5
805
Any
38
2
R22,R25
5 k
Ω (0.5%)
805
RS
Components
215-3162
39
1
R23
470
805
Any
40
1
R24
82
805
Any
41
1
R26
0.5/1 W(1%)
RES Axial
Vishay
CPF1R500000FL
42
1
R29
56
805
Any
43
4
R30,R35, R39,R40
4k7
805
Any
44
1
R37
1M
805
Any
45
1
R43
POT
Top notch 3296
Any
46
2
SW1,SW2
Reset
Push button
Any
47
1
TP1
Test point
Single berg pin
Any
48
1
U1
ST890BDR
SO-8
ST
ST890BDR
49
1
U2
L6920D
TSSOP8
ST
L6920D
50
1
U3
STM1061N25WX6F
SOT23-3
ST
STM1061N25WX6F
51
1
U4
ST72F60E2M1
SO24
ST
ST72F60E2M1
52
1
U5
ST7FLIT15BY0M6
SO16
ST
ST7FLIT15BY0M
6
53
1
Y1
16 MHz
Crystal oscillator
Any
54
1
Y2
12 MHz
Crystal oscillator
Any
Table 3.
Bill of materials (continued)
Index Qty
Reference
Value/generic
part number
Package
Manufact.
Manufacturer’s
ordering code/
orderable part
number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com