Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2818 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2818
Description  NiMH battery charger demonstration board through USB based on the ST7FLIT15BY0
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2818 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2818 Datasheet HTML 16Page - STMicroelectronics AN2818 Datasheet HTML 17Page - STMicroelectronics AN2818 Datasheet HTML 18Page - STMicroelectronics AN2818 Datasheet HTML 19Page - STMicroelectronics AN2818 Datasheet HTML 20Page - STMicroelectronics AN2818 Datasheet HTML 21Page - STMicroelectronics AN2818 Datasheet HTML 22Page - STMicroelectronics AN2818 Datasheet HTML 23Page - STMicroelectronics AN2818 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Board schematics
AN2818
22/24
8.2
Controlling/changing the charging parameters
Table 4 provides methods to configure various NiMH battery-charging parameters.
Table 4.
NiMH parameter configuration
Signal
no.
Parameter
name
Function
Formulae
Comments
1
NiMH_VF_H
To define constant
voltage threshold or to fix
the constant voltage level
X = [(Threshold / {2 * 3.6})] *
1024
Example:
X = 597 for 4.2 V threshold
2
NiMH _VFAST
Voltage to switch from
pre-charge level
X = [(Threshold / {2 * 3.6})] *
1024
Example:
X = 469 for 3.3 V pre-charge
threshold
3
NiMH _VFAIL
Not used
4
NiMH _VF_L
Not used
5
NiMH _VSC
Used along with
LION_TFAIL to define
bad battery condition
X = [(Threshold / {2* 3.6})] *
1024
Example:
X = 213 for 1.5 V threshold
6
NiMH _VSAT
Voltage to switch from
pre-charge level
X = [(Threshold / {2 * 3.6})] *
1024
Example:
X = 469 for 3.3 V pre-charge
threshold
7
NiMH
_ICONST
Current level during
constant current charging
Y = Current_Thre / 2.5
Example:
Y = 120 for 300 mA charging
current
8
NiMH _ITRI_1
Constant current level
during pre – charging
phase
Y = Current_Thre / 2.5
Example:
Y = 20 for 50 mA pre -
charging current
9
NiMH _ITRI_2
Not used
10
NiMH _IFAIL
Short circuit current
threshold
Y = Current_Thre / 2.5
Example:
Y = 140 for 350 mA short
circuit current
11
NiMH _ISAT
Current threshold to end
the charging
Y = Current_Thre / 2.5
Example:
Y = 18 for 45 mA short circuit
current
12
NiMH
_VHEAT_UP
Heat condition indicator
threshold
Z = {R1 / (10 k
Ω + R1)} * 256
Example:
Z = 80 for 45 deg temperature
(here R1 is in k
Ω)
13
NiMH
_VHEAT_DO
WN
Cold condition indicator
threshold
Z = {R1 / (10 k
Ω +
R1)} * 256
Example:
Z = 195 for 0 deg temperature
(Here R1 is in k
Ω)
14
NiMH _TFAIL
Used with LION_VSC
15
NiMH _TEXP
Expiry condition in
minutes
W = (expected time expiry
value in minutes) / 2
Example:
W = 150 for a 5 hour time
expiry condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com