Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2827 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2827
Description  Driver for double flash LED with I²C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2827 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2827 Datasheet HTML 19Page - STMicroelectronics AN2827 Datasheet HTML 20Page - STMicroelectronics AN2827 Datasheet HTML 21Page - STMicroelectronics AN2827 Datasheet HTML 22Page - STMicroelectronics AN2827 Datasheet HTML 23Page - STMicroelectronics AN2827 Datasheet HTML 24Page - STMicroelectronics AN2827 Datasheet HTML 25Page - STMicroelectronics AN2827 Datasheet HTML 26Page - STMicroelectronics AN2827 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
AN2827
Examples of register setup for each mode
Doc ID 15047 Rev 1
23/30
8
Examples of register setup for each mode
8.1
Example 1: 400 mA flash with 700 ms duration
The value of FDIM (4 bits) must be set to 0x7 to set-up the current source to the chosen
value (Table 11).
The flash duration timer can be set from 100 ms up to 1500 ms in 100 ms steps. If the
desired flash duration is 700 ms the FTIM value (4 bits) must be se to 0x7.
The PWR_ON bit of the command register must be set to 1.
The TRIG_EN bit of the command register must be set to 1.
The TCH_ON bit of the command register must be set to 0.
The NTC_ON bit of the command register can be set to any value because NTC is
automatically ON when the flash mode is active. Setting this bit to 0 will not switch off the
NTC.
Four bytes must be written to the STCF05 to make a flash.
Table 11.
Torch and flash mode dimming register settings
LDIM (hex)
0
1
2
3
4
5
6
7
8
9
A
B
C
TDIM (hex)
0
1
2
3
4
5
6
7
FDIM(hex)
0
1
2
3
4
5
6
7
LED current [mA]
15
20
30
45
60
75
90
120
160
200
240
320
400
Internal step
12
34
56
78
9
10
11
12
13
Table 12.
COMMAND register data to enter flash mode
CMD_REG
PWR_ON
TRIG_EN
TCH_ON
NTC_ON
FTIM_3
FTIM_2
FTIM_1
FTIM_0
11
x
X
0111
MSB
LSB
Table 13.
DIMMING register data for flash mode
DIM_REG
N/A
TDIM_2
TDIM_1
TDIM_0
N/A
FDIM_2
FDIM_1
FDIM_0
0000
0111
MSB
LSB
Table 14.
I²C data packet for activating flash mode
Byte
Hex
Binary
Comment
1
62
01100010
Device address + R/W bit
2
00
00000000
Command register address
3
D7
11010111
Data of the command register
4
07
00000111
Data of the dimming register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com