Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2827 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2827
Description  Driver for double flash LED with I²C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2827 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2827 Datasheet HTML 22Page - STMicroelectronics AN2827 Datasheet HTML 23Page - STMicroelectronics AN2827 Datasheet HTML 24Page - STMicroelectronics AN2827 Datasheet HTML 25Page - STMicroelectronics AN2827 Datasheet HTML 26Page - STMicroelectronics AN2827 Datasheet HTML 27Page - STMicroelectronics AN2827 Datasheet HTML 28Page - STMicroelectronics AN2827 Datasheet HTML 29Page - STMicroelectronics AN2827 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Examples of register setup for each mode
AN2827
28/30
Doc ID 15047 Rev 1
Figure 20 provides more details on the timing of the I²C bus packets.
The solution described in Example 5 uses a software termination of the flash pulse (it is
timed out by the internal timer.) The flash pulse could also be terminated by setting the
TRIG pin to low after 4 seconds. In this case, the fourth packet could be the same as
packets 2 and 3, because the timing of the flash is done by the TRIG pin and it is not
necessary to change the value of FTIM in the COMMAND REGISTER.
This method of periodical reloading of the COMMAND REGISTER can be used to achieve a
continuous flash light. However, it is highly recommended to guarantee an efficient cooling
of both the LED and the chip, otherwise the light can be interrupted by activation of the
thermal protections.
Table 29.
4th I²C data packet to restart flash mode
Byte
Hex
Binary
Comment
1
62
01100010
Device address + R/W bit
2
00
00000000
Command register address
3
DA
11011010
Data of the command register
Figure 20.
Timing of I²C bus packets for a flash lasting longer than FTIM max
1.0s
1.5s
1.5s
4.0s
TRIG pin
TRIG_EN bit
I²C bus packets
Timeout of
the first flash
Timeout of
the second
flash
Timeout of
the third flash
Timeout of the
fourth flash –
ending of the
whole flash
pulse
1.5s
1.0s
1.0s
1.0s
1.0s
1.0s
1.5s
1.5s
4.0s
TRIG pin
TRIG_EN bit
I²C bus packets
Timeout of
the first flash
Timeout of
the second
flash
Timeout of
the third flash
Timeout of the
fourth flash –
ending of the
whole flash
pulse
1.5s
1.0s
1.0s
1.0s
1.0s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com