Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2833 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2833
Description  Dual step-down controller with auxiliary voltages for industrial system power
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2833 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2833 Datasheet HTML 15Page - STMicroelectronics AN2833 Datasheet HTML 16Page - STMicroelectronics AN2833 Datasheet HTML 17Page - STMicroelectronics AN2833 Datasheet HTML 18Page - STMicroelectronics AN2833 Datasheet HTML 19Page - STMicroelectronics AN2833 Datasheet HTML 20Page - STMicroelectronics AN2833 Datasheet HTML 21Page - STMicroelectronics AN2833 Datasheet HTML 22Page - STMicroelectronics AN2833 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AN2833
Test setup and performance summary
19/32
11.2
Power-up
As shown in Figure 8 power-up starts when the input voltage is applied and the voltage on
the SHDN pin is above the SHDN on threshold (1.5 V). First LDO5 goes up with a masking
time of about 4 ms. If the LDO5 output is above the UVLO threshold at this time, the device
enters standby mode and the adjustable internal linear regulator LDO is turned on.
Figure 8.
REF, LDO5 and LDO power-up
11.3
Soft-start and shutdown waveforms
Figure 9, 10, 11 and 12 show respectively the soft-start and shutdown waveforms.
The PM681A has an independent internal digital soft-start for each switching section.
During the soft-start phase the internal current limit increases from 25% to 100% with steps
of 25% to avoid that the inductor current rises abruptly.
AM01443v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com