Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2833 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN2833
Description  Dual step-down controller with auxiliary voltages for industrial system power
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2833 Datasheet(HTML) 2 Page - STMicroelectronics

  AN2833 Datasheet HTML 1Page - STMicroelectronics AN2833 Datasheet HTML 2Page - STMicroelectronics AN2833 Datasheet HTML 3Page - STMicroelectronics AN2833 Datasheet HTML 4Page - STMicroelectronics AN2833 Datasheet HTML 5Page - STMicroelectronics AN2833 Datasheet HTML 6Page - STMicroelectronics AN2833 Datasheet HTML 7Page - STMicroelectronics AN2833 Datasheet HTML 8Page - STMicroelectronics AN2833 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Contents
AN2833
2/32
Contents
1
Main features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
3
Demonstration kit schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
4
Component list . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
5
Demonstration kit layout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
6
I/O interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
7
Recommended equipment . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
8
Quick start . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
9
Jumper settings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
10
Feedback output connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
11
Test setup and performance summary . . . . . . . . . . . . . . . . . . . . . . . . . 18
11.1
Test setup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
11.2
Power-up . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
11.3
Soft-start and shutdown waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
11.4
3.3 V and 1.8 V output efficiency vs. load current . . . . . . . . . . . . . . . . . . 22
11.5
Power consumption analysis . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
11.6
Switching frequency vs. load current . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
11.7
Linear regulator output voltages vs. output current . . . . . . . . . . . . . . . . . 26
11.8
Load transient response . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
12
Representative waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
13
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com