Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2835 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2835
Description  This application note describes the electronic lamp ballast for 70 W high intensity discharge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2835 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2835 Datasheet HTML 9Page - STMicroelectronics AN2835 Datasheet HTML 10Page - STMicroelectronics AN2835 Datasheet HTML 11Page - STMicroelectronics AN2835 Datasheet HTML 12Page - STMicroelectronics AN2835 Datasheet HTML 13Page - STMicroelectronics AN2835 Datasheet HTML 14Page - STMicroelectronics AN2835 Datasheet HTML 15Page - STMicroelectronics AN2835 Datasheet HTML 16Page - STMicroelectronics AN2835 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AN2835
Description of demonstration board
Doc ID 15073 Rev 1
13/21
R21
24 k
Ω
SMD (0805)
R22
5.1 k
Ω
SMD (0805)
R23
1.8 k
Ω
1% ¼ W
SMD (0805)
R24, R25
4.7 k
Ω
SMD (0805)
R27, R29
680
Ω
SMD (0805)
R28
10 k
Ω
SMD (0805)
R30, R31
20
Ω
SMD (0805)
R32
2 k
Ω
1%
R33
68 k
Ω
1%
R34
36 k
Ω
1%
R35
150 k
Ω
1%
R36, R41
2 k
Ω
R39
360
Ω
R44, R45, R46, R47
N.C.
R48
100
Ω
R49
10 k
Ω
1 W
D1
2KBP06
2 A, 600 V
Bridge rectifier
D2
STTH2L06
Ultra-fast diode
STMicroelectronics
D3, D7, D9, D11, D12, D13, D14, D15
1N4148
Mini MELF
D4, D5
1N4148
DO-35
D6, D8
15 V Zener diode
15 V
Mini MELF
D10
2 V Zener diode
2 V
Mini MELF
D16
N.C.
Q1, Q2, Q3
STP15NM60ND
Power MOSFET
STMicroelectronics
Q4, Q5
STP9NK50Z
Zener protected
MOSFET
STMicroelectronics
Q6
STQ3NK50ZR
Zener protected
MOSFET
STMicroelectronics
Q7
N.C.
Q8, Q9
MMBT2222
SOT-23
Q10, Q11, Q12
2N7002
Power MOSFET
STMicroelectronics
Q13
LIC01-215H
Light ignition circuit
STMicroelectronics
U1, U2
L6562AD
Power controller
STMicroelectronics
U3
L6385ED
HB driver
STMicroelectronics
U4
L6569AD
HB driver
STMicroelectronics
Table 2.
Bill of material (continued)
Name
Value
Rated
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com