Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2835 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2835
Description  This application note describes the electronic lamp ballast for 70 W high intensity discharge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2835 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2835 Datasheet HTML 10Page - STMicroelectronics AN2835 Datasheet HTML 11Page - STMicroelectronics AN2835 Datasheet HTML 12Page - STMicroelectronics AN2835 Datasheet HTML 13Page - STMicroelectronics AN2835 Datasheet HTML 14Page - STMicroelectronics AN2835 Datasheet HTML 15Page - STMicroelectronics AN2835 Datasheet HTML 16Page - STMicroelectronics AN2835 Datasheet HTML 17Page - STMicroelectronics AN2835 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Description of demonstration board
AN2835
14/21
Doc ID 15073 Rev 1
U5
LM358D
comparator
STMicroelectronics
FUSE 1
500 mA
CT1, CT2
CT101
TDK CT101
L1
200 µH
2 A
TDK SF-T8-60L-02-PF
L2
7.5 mH
1.5 A
TDK HF2318-
A752Y1R5-01
L3 (1)
600 µH
inductor
L4 (2)
1.1 mH
inductor
T1 (3)
400 µH
transformer
1.
Core: PC40EF25-Z or equivalent; bobbin: EF-25; winding: AWG30*4, 100 turns and AWG29*2,8 turns; air gap: about 1 mm
2.
Core: PC40EF25-Z or equivalent; bobbin: EF-25; winding: AWG27*2, 150 turns; air gap: about 1.8 mm
3.
Core: PC40EF25-Z or equivalent; bobbin: EF-25; winding: ~; air gap: about 1 mm
Table 2.
Bill of material (continued)
Name
Value
Rated
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com