Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2839 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2839
Description  L6228 fully-integrated two-phase stepper motor driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2839 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2839 Datasheet HTML 9Page - STMicroelectronics AN2839 Datasheet HTML 10Page - STMicroelectronics AN2839 Datasheet HTML 11Page - STMicroelectronics AN2839 Datasheet HTML 12Page - STMicroelectronics AN2839 Datasheet HTML 13Page - STMicroelectronics AN2839 Datasheet HTML 14Page - STMicroelectronics AN2839 Datasheet HTML 15Page - STMicroelectronics AN2839 Datasheet HTML 16Page - STMicroelectronics AN2839 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
AN2839
Designing an application with L6228
Doc ID 15104 Rev 1
13/40
1.9
Input logic pins
CW/CCW, CONTROL, RESET, HALF/FULL, CLOCK are CMOS/TTL-compatible logic input
pins. The input comparator has been realized with hysteresis to ensure the required noise
immunity is met. Typical values for turn-on and turn-off thresholds are Vth,ON = 1.8 V and
Vth,OFF = 1.3 V. As shown in Figure 10, these pins are ESD-protected (2 kV human-body
electro-static discharge), and can be directly connected to the logic outputs of a µC; a series
resistor is generally not recommended as it could cause inducted noise and disturb the
inputs. All logic pins enforce a specific behavior and cannot be left unconnected.
Figure 10.
Logic input pins
1.10
EN pin
The EN pin is bi-directional: as an input, with a comparator similar to the other logic input
pins (TTL/CMOS with hysteresis), it controls the state of the Power DMOS. When this pin is
at a low logic level, all the Power DMOS’s are turned off. The EN pin is also connected to the
open-drain output of the protection circuit that will pull the pin to GND if overcurrent or over-
temperature conditions exist. For this reason, the EN pin must be driven through a series
resistor of 2.2 kW minimum (for 5 V logic), to allow the voltage at the pin to be pulled below
the turn-off threshold.
A capacitor (C1 in Figure 5 on page 8) connected between the EN pin and GND is also
recommended to reduce the RMS value of the output current when overcurrent conditions
persist (see Section 1.12). The EN pin must not be left unconnected.
Figure 11.
EN input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com