Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2839 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2839
Description  L6228 fully-integrated two-phase stepper motor driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2839 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2839 Datasheet HTML 19Page - STMicroelectronics AN2839 Datasheet HTML 20Page - STMicroelectronics AN2839 Datasheet HTML 21Page - STMicroelectronics AN2839 Datasheet HTML 22Page - STMicroelectronics AN2839 Datasheet HTML 23Page - STMicroelectronics AN2839 Datasheet HTML 24Page - STMicroelectronics AN2839 Datasheet HTML 25Page - STMicroelectronics AN2839 Datasheet HTML 26Page - STMicroelectronics AN2839 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
AN2839
Designing an application with L6228
Doc ID 15104 Rev 1
23/40
1.13.1
Maximum output current versus selectable devices
Figure 26 shows a performance comparison between the L6228 (standard power) and the
L6208 (high power) for different packages, with the following assumptions.
●
Normal drive mode (two-phase on).
●
Supply voltage: 24 V; switching frequency: 30 kHz.
●
Tamb = 25° C, TJ = 125° C.
●
Maximum RDS(on) (taking into account the process spread) considered, at
125° C.
●
Maximum quiescent current IQ (taking into account the process spread) considered.
●
PCB is an FR4 with a dissipating copper surface on the top side of 6 cm2 (with a
thickness of 35 µm) for SO and PowerDIP packages (D, N suffixes).
●
PCB is an FR4 with a dissipating copper surface on the top side of 6 cm2 (with a
thickness of 35 µm), 16 via holes and a ground layer for the PowerSO package
(PD suffix).
For each device (on the x axis), the y axis reports the maximum output current.
Figure 26.
Maximum output current vs. selectable devices
1.13.2
Power dissipation and thermal analysis with PractiSPINTM software
The PractiSPINTM software includes a power dissipation and thermal analysis section that
helps to calculate the IC power dissipation and estimate its junction temperature through a
simulation.
The purpose of this section is to help perform a quick evaluation of the device, package and
dissipating copper area required by the user’s application, and is a good starting point when
designing an application (from the power dissipation and thermal points of view). Software
results, especially thermal results, need to be confirmed on-bench.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com