Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2840 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2840
Description  charger demonstration board based on the VIPER17HN
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2840 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2840 Datasheet HTML 9Page - STMicroelectronics AN2840 Datasheet HTML 10Page - STMicroelectronics AN2840 Datasheet HTML 11Page - STMicroelectronics AN2840 Datasheet HTML 12Page - STMicroelectronics AN2840 Datasheet HTML 13Page - STMicroelectronics AN2840 Datasheet HTML 14Page - STMicroelectronics AN2840 Datasheet HTML 15Page - STMicroelectronics AN2840 Datasheet HTML 16Page - STMicroelectronics AN2840 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
AN2840
Electrical performance
13/19
This circuit behavior is present due to a design that uses the output voltage to power the
TSM1052. Thanks to the very low VCC of this device, the output current can be regulated
even with a very small output voltage.
This application implements a simple circuit which compensates the voltage drop on the
output cable. The effect can be noted in Figure 16 and Table 4, which show the output
voltage measured at the output connector, after the output cable in different load conditions.
With the cable drop compensation (CDC) the output voltage is nearly constant, while without
CDC the output voltage drops down to 4.87 V (about -3.9%) at maximum load.
The measurements are taken at 115 VAC, but even at different input mains voltages
deviations are negligible (a few millivolts).
Figure 17.
Output voltage at output connector with and without CDC
Table 4.
Output voltage at output connector
IOUT [A]
0
0.2
0.4
0.6
0.8
1
VOUT [V] with CDC
5.07
5.07
5.07
5.07
5.06
5.08
VOUT [V] without CDC
5.12
5.03
4.99
4.95
4.91
4.87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com