Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2840 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2840
Description  charger demonstration board based on the VIPER17HN
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2840 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2840 Datasheet HTML 10Page - STMicroelectronics AN2840 Datasheet HTML 11Page - STMicroelectronics AN2840 Datasheet HTML 12Page - STMicroelectronics AN2840 Datasheet HTML 13Page - STMicroelectronics AN2840 Datasheet HTML 14Page - STMicroelectronics AN2840 Datasheet HTML 15Page - STMicroelectronics AN2840 Datasheet HTML 16Page - STMicroelectronics AN2840 Datasheet HTML 17Page - STMicroelectronics AN2840 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Conducted noise measurements (pre-compliance test)
AN2840
14/19
5
Conducted noise measurements (pre-compliance
test)
Figure 18 and Figure 19 provide the results of the conducted emission pre-compliance
measurements performed at maximum nominal voltage (230 VAC) with quasi-peak and
average detection. For conciseness, only the measurements of the worst line wire are
reported. The measurements show a good margin with respect to the limits stated in the
EN55022 CLASS-B specifications.
In comparing figures 18 and 19, it is worth noting that the VIPER17HN frequency jittering
feature makes it possible to spread the switching frequency harmonics spectrum and reduce
the peak values. This is especially evident in the average measurement where a significant
margin is achieved with respect to the limits.
In Figure 20, the conducted emission in average mode is taken at 115 VAC, full load. As the
graph shows even in this condition the measured noise is well below the EN55022 Class-B
limits.
Figure 18.
VIN = 230 VAC – 50 Hz, full
load CE QP measurement
Figure 19.
VIN = 230 VAC – 50 Hz full load
CE average measurement
Figure 20.
VIN = 115 VAC - 60 Hz CE
average measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com