Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2844 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN2844
Description  15 W wide range SMPS for metering
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2844 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN2844 Datasheet HTML 27Page - STMicroelectronics AN2844 Datasheet HTML 28Page - STMicroelectronics AN2844 Datasheet HTML 29Page - STMicroelectronics AN2844 Datasheet HTML 30Page - STMicroelectronics AN2844 Datasheet HTML 31Page - STMicroelectronics AN2844 Datasheet HTML 32Page - STMicroelectronics AN2844 Datasheet HTML 33Page - STMicroelectronics AN2844 Datasheet HTML 34Page - STMicroelectronics AN2844 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
AN2844
Transformer specification
31/37
For enhanced magnetic coupling, a sandwich topology has been used for the windings. The
secondary winding is placed beside the split of the primary winding. The primary winding
parts have half the total number of turns and are connected in series. The order of the
windings, starting from the winding nearest the core, is: PRIMARY - A, SECONDARY,
PRIMARY - B, and then the top AUXILIARY winding for the SMPS’ self-supply.
Figure 30.
Winding position
9.2
Mechanical aspects
●
Maximum height from PCB: 40 mm
●
Occupied area on PCB: 35 mm x 25 mm
●
Coil former: 14 pins
●
Diameter of pins: 1.3 mm + 0.1 mm
●
Raster of pins: 5 mm
Figure 31 shows the mechanical arrangement of the transformer. The figure should be
viewed from a mounting angle.
Table 9.
Winding characteristics
Pins
Winding
Number of turns
Wire type
1-2
PRIMARY - A
90
1 x AVG34
10-12
SECONDARY
3
3 x AVG24
3-4
PRIMARY - B
90
1 x AVG34
6-7
AUXILIARY
12
1 x AVG32
3 mm
3 mm
AUXILIARY
PRIMARY - B
SECONDARY
PRIMARY - A
Coil former
Insulation tape
AM003548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com