Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2872 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2872
Description  Super wide-range buck converter based on the VIPer16
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2872 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2872 Datasheet HTML 9Page - STMicroelectronics AN2872 Datasheet HTML 10Page - STMicroelectronics AN2872 Datasheet HTML 11Page - STMicroelectronics AN2872 Datasheet HTML 12Page - STMicroelectronics AN2872 Datasheet HTML 13Page - STMicroelectronics AN2872 Datasheet HTML 14Page - STMicroelectronics AN2872 Datasheet HTML 15Page - STMicroelectronics AN2872 Datasheet HTML 16Page - STMicroelectronics AN2872 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
AN2872
Experimental results
Doc ID 15305 Rev 1
13/23
4
Experimental results
4.1
Load regulation and output voltage ripple
The 12 V output is affected by the load due to the effects described in Chapter 3.1.2 and
3.2. The real load regulation of the 12 V output (linear regulator U2 is not assembled) for
different input voltages is visible in Figure 6.
Figure 6.
12 V output load regulation for different output loads and input voltage levels (linear
regulator U2 not assembled)
The flatness of the load characteristic can be influenced mainly at light load by setting
a fixed load (a resistor instead of Zener diode D2) or assembling a linear regulator to
represent light load. The behavior of the load characteristic can be influenced by the value
of the auxiliary capacitor C8 and total value of resistance of R3 and R4.
The output voltage ripple is very low and presents a good opportunity to use smaller
capacitors with higher ESR and lower capacitance. The data measured with the
demonstration board are shown in Figure 7. It is possible to see the higher 100 Hz ripple at
90 VAC on the input. This ripple can be avoided by increasing the capacitance of the input
capacitors.
10
10.5
11
11.5
12
12.5
13
13.5
14
14.5
15
-20
0
20
40
60
80
100
120
140
160
IOUT (mA)
VOUT (V)
500 V AC
400 V AC
230 V AC
120 V AC
90 V AC
AM00362



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com