Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2872 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2872
Description  Super wide-range buck converter based on the VIPer16
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2872 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2872 Datasheet HTML 15Page - STMicroelectronics AN2872 Datasheet HTML 16Page - STMicroelectronics AN2872 Datasheet HTML 17Page - STMicroelectronics AN2872 Datasheet HTML 18Page - STMicroelectronics AN2872 Datasheet HTML 19Page - STMicroelectronics AN2872 Datasheet HTML 20Page - STMicroelectronics AN2872 Datasheet HTML 21Page - STMicroelectronics AN2872 Datasheet HTML 22Page - STMicroelectronics AN2872 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
AN2872
Conclusion
Doc ID 15305 Rev 1
21/23
5
Conclusion
This document shows that it is possible to implement a low power, non-isolated SMPS
operating in a buck converter topology for super wide range (85 - 500 VAC), thanks to the
new advanced monolithic converter VIPer16.
6
References
1.
Application note AN1357 - VIPower: LOW COST POWER SUPPLIES USING
VIPer12A IN NON ISOLATED APPLICATIONS - see www.st.com
2.
Application note AN2300 - An alternative solution to Capacitive power supply using
Buck converter based on VIPer12A - see www.st.com
3.
Datasheet of the VIPer16 - Fixed frequency VIPer™ plus family - see www.st.com
4.
General technical information - Epcos - http://www.epcos.com/web/generator/
Web/Sections/ProductCatalog/Capacitors/AluminumElectrolytic/Photoflash/Page,
locale=en.html - General technical information.pdf
5.
Series Connection - Rubycon
http://www.rubycon.co.jp/en/products/alumi/technote.html SeriesConnection.pdf
6.
Engineering Notes - Vishay® (BC comp) - http://www.vishay.com/capacitors/aluminum-
radial/related#technt - Engineering Notes.pdf
7.
Technical Notes on Aluminium Electrolytic Capacitors - Nichicon - http://nichicon-
us.com/english/products/pdf/aluminum.pdf
8.
IEC 61000 - 4 -5 see www.iec.ch
9.
IEC 61000 - 4 -4. see www.iec.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com