Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2961 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2961
Description  STEVAL-ILL026V1 non-isolated 3 W offline LED driver based on the VIPER22A-E
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2961 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2961 Datasheet HTML 5Page - STMicroelectronics AN2961 Datasheet HTML 6Page - STMicroelectronics AN2961 Datasheet HTML 7Page - STMicroelectronics AN2961 Datasheet HTML 8Page - STMicroelectronics AN2961 Datasheet HTML 9Page - STMicroelectronics AN2961 Datasheet HTML 10Page - STMicroelectronics AN2961 Datasheet HTML 11Page - STMicroelectronics AN2961 Datasheet HTML 12Page - STMicroelectronics AN2961 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AN2961
Test results
Doc ID 15559 Rev 1
9/14
LED current regulation
In Figure 5, the LED current regulation versus AC input voltage is shown. As illustrated, the
system is capable of regulating the current between a 90 VAC and 265 VAC input mains with
little variation.
Figure 5.
LED current regulation vs. input voltage
Open load operation
Open load operation is an abnormal condition, and the system is capable of protecting itself.
When this condition occurs, the circuit regulates the output voltage at a typical value of 39 V.
In this situation the constant current circuit does not operate, but the D1 Zener diode does.
When diode D1 conducts, the output voltage is regulated at 39 V.
Short-circuit condition
When a short-circuit occurs the device works at the minimum admissible duty cycle until the
voltage on the pin of the VIPER22A-E falls below the shutdown threshold. This is due to the
supply circuit, composed of D2 and C1. When the load is connected at the output, the C1
capacitor is charged to the same voltage as the output voltage.
In a short-circuit condition the C1 capacitor is not charged and after each startup, the
voltage decrease causes the VIPER22A-E to switch off. After this, the VIPER22A-E repeats
the startup sequence. The board is also capable of protecting itself under these conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com